PART |
Description |
Maker |
TPSV157K020R0080 |
(TPS Series) Low ESR
|
AVX Corporation
|
T494A226004A T494C476004A T494A335004A T494C686004 |
Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T494 Industrial Grade Low ESR MnO2 Series
|
Kemet Corporation
|
T495X476K035ATE200 |
Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
|
Kemet Corporation
|
CGO462M045L CGO183M005L CGO882M028L CGO193M010L CG |
Ultra Low ESR Screw Terminal Aluminum Electrolytic Extremely Low ESR, Low Voltage, Screw Terminal Capacitors
|
Cornell Dubilier Electronics Cornell Dubilier Electr...
|
RXW102M1CBK100200 |
ALUMINUM ELECTROLYTIC CAPACITORS RXW Series: Low ESR Type
|
RFE international
|
RZD102M1CBK100200 |
ALUMINUM ELECTROLYTIC CAPACITORS RZD Series: Radial Low ESR
|
RFE international
|
10TPE47MAZB 8TPE100MAZB 6TPE470M |
TPE series has low ESR and can aid in creating thinner and smaller products.
|
List of Unclassifed Man...
|
T494C337K004AS T494D337K004AS T494D337K006AS T494X |
1-Form-A i4-PAC Package Products 60V: DC Only 固体钽芯片电容器\u003cbr\u003e (T494系列-低ESR,工业级 Dual optocoupler with a single or darlington transistor output 固体钽芯片电容器\u003cbr\u003e (T494系列-低ESR,工业级 SOLID TANTALUM CHIP CAPACITORS<br>(T494 SERIES - Low ESR, Industrial Grade) 固体钽芯片电容器\u003cbr\u003e (T494系列-低ESR,工业级 RECTIFIER STANDARD SINGLE 2A 100V 100 65A-ifsm 5uA-ir 1.1V-vf DO-15 4K/REEL-13 固体钽芯片电容器\u003cbr\u003e (T494系列-低ESR,工业级 1-Form-A i4-PAC Package Products 1000V: DC Only 固体钽芯片电容器\u003cbr\u003e (T494系列-低ESR,工业级 ER 5C 4#4 1#8 SKT RECP BOX 固体钽芯片电容器\u003cbr\u003e (T494系列-低ESR,工业级 Large glass bead with adjacent leads 固体钽芯片电容器\u003cbr\u003e (T494系列-低ESR,工业级 RECTIFIER STANDARD SINGLE 2A 200V 200 70A-ifsm 5uA-ir 1.1V-vf DO-15 4K/REEL-13 固体钽芯片电容器\u003cbr\u003e (T494系列-低ESR,工业级 Multi-Color LED; LED Color:Red; Luminous Intensity:8mcd; Viewing Angle:170 ; Forward Current:10mA; Forward Voltage:1.7V; Operating Temperature Range:-30 C to 75 C; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No DIODE-RECT, SHTKY 40V, 3A@TJ=150C, IR=2MA@2 RECTIFIER STANDARD SINGLE 2A 50V 50 70A-ifsm 5uA-ir 1.1V-vf DO-15 4K/REEL-13 SOLID TANTALUM CHIP CAPACITORS (T494 SERIES - Low ESR, Industrial Grade) 257.13 Kbytes SOLID TANTALUM CHIP CAPACITORS
(T494 SERIES - Low ESR, Industrial Grade) SOLID TANTALUM CHIP CAPACITORS(T494 SERIES - Low ESR Industrial Grade) SOLID TANTALUM CHIP CAPACITORS(T494 SERIES - Low ESR, Industrial Grade)
|
KEMET[Kemet Corporation] http://
|
T495A475K010ATE1K3 T495A106K010ATE1K8 |
Tantalum Surface Mount Capacitors ?Low ESR T494 Series Industrial Grade MnO2
|
Kemet Corporation
|
LD1985 |
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
|
E-Tech Electronics LTD
|
LDS3985M135R LDS3985PM15R LDS3985PM49R LDS3985PM48 |
Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor
|
STMicroelectronics
|
TPSY1560350250 TPSE3360350100 TPSE3360350250 TPSE3 |
Low ESR series of robust Mn02 solid electrolyte capacitors Low ESR series of robust Mn02 solid electrolyte capacitors
|
AVX Corporation
|